| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5673F Fiches technique(PDF) 120 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5673F Fiches technique(HTML) 120 Page - Freescale Semiconductor, Inc |
|
120 / 132 page ![]() 77 MDO6_GPIO77 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO6 Nexus message data out O F VDDE2 O/Low —/Down T1 W1 W3 A1 —— — A2 —— — G GPIO77 GPIO I/O 78 MDO7_GPIO78 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO7 Nexus message data out O F VDDE2 O/Low —/Down T2 W2 Y1 A1 —— — A2 —— — G GPIO78 GPIO I/O 79 MDO8_GPIO79 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO8 Nexus message data out O F VDDE2 O/Low —/Down T3 W3 W5 A1 —— — A2 —— — G GPIO79 GPIO I/O 80 MDO9_GPIO80 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO9 Nexus message data out O F VDDE2 O/Low —/Down U1 Y1 Y2 A1 —— — A2 —— — G GPIO80 GPIO I/O 81 MDO10_GPIO81 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO10 Nexus message data out O F VDDE2 O/Low —/Down U2 Y2 Y3 A1 —— — A2 —— — G GPIO81 GPIO I/O 82 MDO11_GPIO82 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO11 Nexus message data out O F VDDE2 O/Low —/Down U3 Y3 Y4 A1 —— — A2 —— — G GPIO82 GPIO I/O Table 43. Signal Properties and Muxing Summary (continued) Signal Name2 Function4 Function Summary State during RESET7 State after RESET8 Package Location |