Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L152C4U6 Fiches technique(PDF) 113 Page - STMicroelectronics

No de pièce STM8L152C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4U6 Fiches technique(HTML) 113 Page - STMicroelectronics

Back Button STM8L152C4U6 Datasheet HTML 109Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 110Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 111Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 112Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 113Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 114Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 115Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 116Page - STMicroelectronics STM8L152C4U6 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 122 page
background image
STM8L151xx, STM8L152xx
Package characteristics
Doc ID 15962 Rev 5
113/122
Figure 44.
WLCSP28 – 28-pin wafer level chip scale package,
package outline
Table 61.
WLCSP28 – 28-pin wafer level chip scale package,
package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.440
0.590
0.640
0.0173
0.0232
0.0252
A1
0.165
0.190
0.215
0.0065
0.0075
0.0085
A2
0.375
0.400
0.425
0.0148
0.0157
0.0167
b
0.265
0.270
0.275
0.0104
0.0106
0.0108
D
1.677
1.697
1.717
0.0660
0.0668
0.0676
E
2.815
2.835
2.855
0.1108
0.1116
0.1124
e1
1.190
1.200
1.210
0.0469
0.0472
0.0476
e2
0.390
0.400
0.410
0.0154
0.0157
0.0161
e3
0.390
0.400
0.410
0.0154
0.0157
0.0161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More