Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FB125-C1000G Fiches technique(PDF) 1 Page - EIC discrete Semiconductors

No de pièce FB125-C1000G
Description  FAST RECOVERY GLASS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FB125-C1000G Fiches technique(HTML) 1 Page - EIC discrete Semiconductors

  FB125-C1000G Datasheet HTML 1Page - EIC discrete Semiconductors FB125-C1000G Datasheet HTML 2Page - EIC discrete Semiconductors FB125-C1000G Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FB40 - FB380/C 1000G
FAST RECOVERY GLASS
PASSIVATED BRIDGE RECTIFIERS
PRV : 100 - 900 Volts
Io : 1.0 Amperes
FEATURES :
* Glass passivated chip
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated leads solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 1.29 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FB40-C
1000G
FB80-C
1000G
FB125-C
1000G
FB250-C
1000G
FB380-C
1000G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
300
600
900
V
Maximum RMS Input Voltage R+C -Load
VRMS
40
80
125
250
380
V
Maximum DC Blocking Voltage
VDC
100
200
300
600
900
V
Maximum Average Forward Current For
Free Air Operation at Tc = 45
°C R+L -Load
IF(AV)
1.2
A
C -Load
1.0
Peak Forward Surge Current Single half sine wave
on rated load (JEDEC Method) at TJ = 125
°C
IFSM
30
A
Rating for fusing at TJ = 125
°C ( t < 100 ms.)
I
2t
10
A
2S
Maximum Series Resistor C-Load VRMS =
± 10%
Rt
1.0
2.0
4.0
8.0
12.0
Maximum load Capacitance
+ 50%
-10%
CL
5000
2500
1000
500
200
µF
Maximum Forward Voltage per Diode at IF = 1.0 A
VF
1.3
V
Maximum Reverse Current at Rated Repetitive
Peak Voltage per Diode
IR
10
µA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Thermal Resistance (Note 2)
R
θJA
36
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 125
°C
Storage Temperature Range
TSTG
- 50 to + 125
°C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp.
2 ) Thermal resistance from Junction to Ambient at 0.375" (9.5 mm) lead length P.C. Board with, 0.22" x 0.22" (5.5 x 5.5 mm)
copper Pads.
Page 1 of 3
Rev. 02 : March 25, 2005
RATING
WOB
-
0.39 (10.0)
0.31 (7.87)
0.034 (0.86)
0.028 (0.71)
AC
+
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
+
-
AC
AC
1.00 (25.4)
MIN.
Dimension in inches and (millimeter)
* Pb / RoHS Free


Numéro de pièce similaire - FB125-C1000G

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
FB125-C1000G EIC-FB125-C1000G Datasheet
45Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Description similaire - FB125-C1000G

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
HY ELECTRONIC CORP.
FR101G HY-FR101G Datasheet
34Kb / 2P
GLASS FAST RECOVERY RECTIFIERS
FR151G HY-FR151G Datasheet
38Kb / 2P
GLASS FAST RECOVERY RECTIFIERS
FR201G HY-FR201G Datasheet
38Kb / 2P
GLASS FAST RECOVERY RECTIFIERS
FR301G HY-FR301G Datasheet
38Kb / 2P
GLASS FAST RECOVERY RECTIFIERS
FR601G HY-FR601G Datasheet
35Kb / 2P
GLASS FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
F2W005G EIC-F2W005G Datasheet
60Kb / 2P
FAST RECOVERY GLASS
FW005G EIC-FW005G_05 Datasheet
82Kb / 2P
FAST RECOVERY GLASS
FWL005G EIC-FWL005G_05 Datasheet
83Kb / 2P
FAST RECOVERY GLASS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com