Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FB125-C1000G Fiches technique(PDF) 2 Page - EIC discrete Semiconductors

No de pièce FB125-C1000G
Description  FAST RECOVERY GLASS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FB125-C1000G Fiches technique(HTML) 2 Page - EIC discrete Semiconductors

  FB125-C1000G Datasheet HTML 1Page - EIC discrete Semiconductors FB125-C1000G Datasheet HTML 2Page - EIC discrete Semiconductors FB125-C1000G Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES ( FB40 - FB380/C1000G )
FIG.1 - DERATING CURVE
FIG.2 - DERATING CURVE
FOR OUTPUT RECTIFIED CURRENT
FOR OUTPUT RECTIFIED CURRENT
FB40 C1000G - FB125 C1000G
FB250 C1000G - FB380 C1000G
0
20
40
60
80
100
120
140
20
40
60
80
100
120
140
CASE TEMPERATURE, (
°C)
CASE TEMPERATURE, (
°C)
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 3
Rev. 02 : March 25, 2005
Capacitive Load
Resistive or
Inductive load.
1.0
0.6
0.4
1.2
10
10
1.0
0
0.01
1
80
0.01
0.1
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
Pulse Width = 300
µs
1 % Duty Cycle
TJ = 100
°C
TJ = 25
°C
0.8
0.375(9.5mm)
Copper Pads
0.22" x 0.22" (5.5mm x 5.5mm)
PC Board
20
0.2
Capacitive Load
0-10
µF
10-100
µF
>100
µF
1.0
0.6
0.4
1.2
0
0.8
0.2
Resistive or
Inductive load.
Copper Pads
0.22" x 0.22" (5.5mm x 5.5mm)
0.375(9.5mm)
PC Board
0-10
µF
10-100
µF
>100
µF


Numéro de pièce similaire - FB125-C1000G

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
FB125-C1000G EIC-FB125-C1000G Datasheet
45Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Description similaire - FB125-C1000G

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
HY ELECTRONIC CORP.
FR101G HY-FR101G Datasheet
34Kb / 2P
GLASS FAST RECOVERY RECTIFIERS
FR151G HY-FR151G Datasheet
38Kb / 2P
GLASS FAST RECOVERY RECTIFIERS
FR201G HY-FR201G Datasheet
38Kb / 2P
GLASS FAST RECOVERY RECTIFIERS
FR301G HY-FR301G Datasheet
38Kb / 2P
GLASS FAST RECOVERY RECTIFIERS
FR601G HY-FR601G Datasheet
35Kb / 2P
GLASS FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
F2W005G EIC-F2W005G Datasheet
60Kb / 2P
FAST RECOVERY GLASS
FW005G EIC-FW005G_05 Datasheet
82Kb / 2P
FAST RECOVERY GLASS
FWL005G EIC-FWL005G_05 Datasheet
83Kb / 2P
FAST RECOVERY GLASS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com