Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VXO-1S-4P Fiches technique(PDF) 1 Page - QUARTZCOM the communications company

No de pièce VXO-1S-4P
Description  SMD VCXO HCMOS Highly shock and vibration resistant
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  QUARTZCOM [QUARTZCOM the communications company]
Site Internet  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VXO-1S-4P Fiches technique(HTML) 1 Page - QUARTZCOM the communications company

  VXO-1S-4P Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VXO-1S-4p
SMD VCXO
HCMOS
2002/95/EC RoHS compliant
31 Mar. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: telecommunications, instrumentation, microwave
Output frequency up to 80 MHz
Low jitter < 1 ps
Highly shock and vibration resistant
Specification
Parameter
VXO-1S3-4p
VXO-1S5-4p
Frequency range
1.0 ~ 80 MHz
Standard frequencies
13.00, 27.00, 32.768, 38.880 & 40.00 MHz
Supply voltage
+3.3 V
±5 %
+5.0 V
±5 %
Supply current
10 ~ 50 mA
6 ~ 25 mA
Frequency stability
(all inclusive) (*)
<
±25 ppm
over -20 ~ +70 °C
<
±50 ppm
over -40 ~ +85 °C
Output signal
HCMOS
Output voltage
VOH ≥ 0.9 Vdc
VOL ≤ 0.1 Vdc
Output load
15 pF
25 pF ~ 50 pF on request
Symmetry
45 ~ 55 %
@ ½ Vdc
Rise / Fall time
4 ~ 8 ns
Frequency pulling range
±50 ~ ±200 ppm
Voltage control
+1.65 V
±1.35 V
+2.5 V
±2.0 V
Jitter (rms)
< 1 ps
@ 12 kHz ~ 20 MHz from carrier frequency
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Packaging units
tape & reel
500 or 1’000 pieces
(*) All inclusive
frequency stability vs. temperature, tolerance, aging, supply & load variation
Customer specifications on request
Pin function
# 1
Vc Voltage control
# 2
GND
# 3
Output
# 4
Vdc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Numéro de pièce similaire - VXO-1S-4P

FabricantNo de pièceFiches techniqueDescription
logo
QUARTZCOM the communica...
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
VXO-1S-DS-6P QUARTZCOM-VXO-1S-DS-6P Datasheet
118Kb / 1P
   SMD VCXO LVDS Output frequency up to 312.5 MHz
VXO-1S-DSM-6P QUARTZCOM-VXO-1S-DSM-6P Datasheet
119Kb / 1P
   High frequency SMD VCXO LVDS Output frequency up to 700 MHz
VXO-1S-PE-6P QUARTZCOM-VXO-1S-PE-6P Datasheet
118Kb / 1P
   SMD VCXO LVPECL SONET, Fibre Channel, broadband access, DSL, GPON
VXO-1S-PEM-6P QUARTZCOM-VXO-1S-PEM-6P Datasheet
120Kb / 1P
   High frequency SMD VCXO LVPECL Output frequency up to 700 MHz
More results

Description similaire - VXO-1S-4P

FabricantNo de pièceFiches techniqueDescription
logo
QUARTZCOM the communica...
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
VXO-3S-42P QUARTZCOM-VXO-3S-42P Datasheet
110Kb / 1P
   Small SMD VCXO HCMOS Highly shock and vibration resistant
VXO-3S3-6P QUARTZCOM-VXO-3S3-6P Datasheet
120Kb / 1P
   Small SMD VCXO HCMOS Highly shock and vibration resistant
VXO-SM-4J QUARTZCOM-VXO-SM-4J Datasheet
94Kb / 1P
   Plastic moulded SMD VCXO HCMOS Highly shock and vibration resistant
MCO-1S QUARTZCOM-MCO-1S Datasheet
119Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Highly shock and vibration resistant
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
   SMD TCXO CMOS Highly shock and vibration resistant
VX6 QUARTZCOM-VX6 Datasheet
88Kb / 1P
   Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
VX7 QUARTZCOM-VX7 Datasheet
82Kb / 1P
   Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
VT7-503C QUARTZCOM-VT7-503C Datasheet
102Kb / 1P
   SMD VC-TCXO CMOS Highly shock and vibration resistant
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com