Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BBY65 Fiches technique(PDF) 2 Page - Infineon Technologies AG

No de pièce BBY65
Description  Silicon Tuning Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY65 Fiches technique(HTML) 2 Page - Infineon Technologies AG

  BBY65 Datasheet HTML 1Page - Infineon Technologies AG BBY65 Datasheet HTML 2Page - Infineon Technologies AG BBY65 Datasheet HTML 3Page - Infineon Technologies AG BBY65 Datasheet HTML 4Page - Infineon Technologies AG BBY65 Datasheet HTML 5Page - Infineon Technologies AG BBY65 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2007-04-20
2
BBY65...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 10 V
VR = 10 V, TA = 85 °C
IR
-
-
-
-
10
100
nA
AC Characteristics
Diode capacitance
VR = 0.3 V, f = 1 MHz
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 4.7 V, f = 1 MHz
CT
28.2
-
-
-
2.6
29.5
20.25
9.8
4.45
2.7
30.8
-
-
-
2.8
pF
Capacitance ratio
VR = 0.3 V, VR = 4.7 V
CT0.3/
CT4.7
10
10.9
-
pF
Capacitance ratio
VR = 1 V, VR = 3 V
CT1/CT3
-
4.55
-
pF
Series resistance
VR = 1 V, f = 470 MHz
rS
-
0.6
0.9


Numéro de pièce similaire - BBY65

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BBY65 INFINEON-BBY65 Datasheet
380Kb / 3P
   Silicon Tuning Diode
May-07-2003
BBY65-02V INFINEON-BBY65-02V Datasheet
380Kb / 3P
   Silicon Tuning Diode
May-07-2003
More results

Description similaire - BBY65

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com