Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F272Z2 Fiches technique(PDF) 177 Page - STMicroelectronics

No de pièce ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Fiches technique(HTML) 177 Page - STMicroelectronics

Back Button ST10F272Z2 Datasheet HTML 173Page - STMicroelectronics ST10F272Z2 Datasheet HTML 174Page - STMicroelectronics ST10F272Z2 Datasheet HTML 175Page - STMicroelectronics ST10F272Z2 Datasheet HTML 176Page - STMicroelectronics ST10F272Z2 Datasheet HTML 177Page - STMicroelectronics ST10F272Z2 Datasheet HTML 178Page - STMicroelectronics ST10F272Z2 Datasheet HTML 179Page - STMicroelectronics ST10F272Z2 Datasheet HTML 180Page - STMicroelectronics ST10F272Z2 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 189 page
background image
ST10F272Z2
Electrical characteristics
177/189
Figure 60.
External memory cycle: Demultiplexed bus, without r/w delay, extended ALE, r/w CS
Address
t5
t16
t46
t57
t6
t53
t26
t17
t47
t48
t49
t48
t49
t50
Data in
t51
t68
t55
Data out
t82
t83
t82
t83
Read cycle
Write cycle
CLKOUT
ALE
RdCSx
WrCSx
Data bus (P0)
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0
A23-A16
A15-A0 (P1)
BHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More