Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F272Z2T3 Fiches technique(PDF) 132 Page - STMicroelectronics

No de pièce ST10F272Z2T3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2T3 Fiches technique(HTML) 132 Page - STMicroelectronics

Back Button ST10F272Z2T3 Datasheet HTML 128Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 129Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 130Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 131Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 132Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 133Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 134Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 135Page - STMicroelectronics ST10F272Z2T3 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 189 page
background image
Known limitations
ST10F272Z2
132/189
24.3
Transmission request disabled (C-CAN module)
Description
The transmission request of a message object may remain disabled (even if the host
immediately enables it again) in the following situations:
1.
if the host disables the pending transmission request of the lowest-priority message
object (number 32 by default) in the short time window during which the message
handler state machine prepares the transmission of the message
2.
if the transmission has not started.
Reading the transmission request bit of this message object does not show that the
transmission request is disabled. This only happens when this message object is the only
one with a pending transmission request.
If the transmission request is blocked in the disabled state, it will be re-enabled by the first
activity detected on the CAN bus or by setting the transmission request of any other
message object.
The other message objects are not affected by this phenomenon.
Workaround
It is usually not necessary to disable the transmission request of a message object. If the
message object is to be used for another message, it is sufficient to prepare the new content
for this message object in the CPU interface register (Identifier, DLC, Data, with TxRqst and
NewDat [optionally TxIE] bits) and to transfer this content into the message object. The new
content is transmitted at the next opportunity. It is not altered by a possibly ongoing
transmission of the previous content of the same message object.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More