| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F23K22-E/SP Fiches technique(PDF) 196 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/SP Fiches technique(HTML) 196 Page - Microchip Technology |
|
196 / 496 page ![]() PIC18(L)F2X/4XK22 DS41412C-page 196 Preliminary 2010 Microchip Technology Inc. FIGURE 14-14: PWM AUTO-SHUTDOWN WITH FIRMWARE RESTART (PXRSEN = 0) 14.4.4 AUTO-RESTART MODE The Enhanced PWM can be configured to automatically restart the PWM signal once the auto- shutdown condition has been removed. Auto-restart is enabled by setting the PxRSEN bit in the PWMxCON register. If auto-restart is enabled, the CCPxASE bit will remain set as long as the auto-shutdown condition is active. When the auto-shutdown condition is removed, the CCPxASE bit will be cleared via hardware and normal operation will resume. FIGURE 14-15: PWM AUTO-SHUTDOWN WITH AUTO-RESTART (PXRSEN = 1) Shutdown PWM CCPxASE bit Activity Event Shutdown Event Occurs Shutdown Event Clears PWM Resumes PWM Period Start of PWM Period CCPxASE Cleared by Firmware Timer Overflow Timer Overflow Timer Overflow Timer Overflow Missing Pulse (Auto-Shutdown) Missing Pulse (CCPxASE not clear) Timer Overflow Shutdown PWM CCPxASE bit Activity Event Shutdown Event Occurs Shutdown Event Clears PWM Period Start of PWM Period CCPxASE Cleared by Hardware Timer Overflow Timer Overflow Timer Overflow Timer Overflow Missing Pulse (Auto-Shutdown) Missing Pulse (CCPxASE not clear) Timer Overflow PWM Resumes |