| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F23K22-E/P Fiches technique(PDF) 167 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/P Fiches technique(HTML) 167 Page - Microchip Technology |
|
167 / 496 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412C-page 167 PIC18(L)F2X/4XK22 FIGURE 12-3: TIMER1/3/5 INCREMENTING EDGE FIGURE 12-4: TIMER1/3/5 GATE ENABLE MODE TXCKI = 1 when TMRx Enabled TXCKI = 0 when TMRX Enabled Note 1: Arrows indicate counter increments. 2: In Counter mode, a falling edge must be registered by the counter prior to the first incrementing rising edge of the clock. TMRxGE TxGPOL TxG_IN TxCKI TxGVAL Timer1/3/5 N N + 1 N + 2 N + 3 N + 4 |