Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331-E/ML Fiches technique(PDF) 174 Page - Microchip Technology

No de pièce PIC18LF4331-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/ML Fiches technique(HTML) 174 Page - Microchip Technology

Back Button PIC18LF4331-E/ML Datasheet HTML 170Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 171Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 172Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 173Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 174Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 175Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 176Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 177Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 174
 2010 Microchip Technology Inc.
FIGURE 18-1:
POWER CONTROL PWM MODULE BLOCK DIAGRAM
PDC3
PDC3 Buffer
Output
Driver
Block
PWMCON0
PTPER Buffer
PWMCON1
PTPER
PTMR
Comparator
Comparator
Channel 3
PTCON
SEVTCMP
Comparator
Special Event Trigger
OVDCON<D/S>
PWM Enable and Mode
PWM Manual Control
PWM
PWM
PWM Generator #3(1)
SEVTDIR
PTDIR
DTCON
Dead-Time Control
Special Event
Postscaler
FLTA
PWM0
PWM1
PWM2
PWM3
PWM4
PWM5
PWM
FLTB(2)
Note 1:
Only PWM Generator 3 is shown in detail. The other generators are identical; their details are omitted for clarity.
2:
PWM Generator 3 and its logic, PWM Channels 6 and 7, and FLTB and its associated logic are not implemented on
PIC18F2331/2431 devices.
PWM6(2)
PWM7(2)
FLTCONFIG
Fault Pin Control
Dead-Time Generator
and Override Logic(2)
Channel 2
Dead-Time Generator
and Override Logic
Channel 1
Dead-Time Generator
and Override Logic
Channel 0
Dead-Time Generator
and Override Logic
Internal Data Bus
8
8
8
8
8
8
8
8
8
8
Generator 1
Generator 0
Generator 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com