Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331-E/ML Fiches technique(PDF) 120 Page - Microchip Technology

No de pièce PIC18LF4331-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/ML Fiches technique(HTML) 120 Page - Microchip Technology

Back Button PIC18LF4331-E/ML Datasheet HTML 116Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 117Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 118Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 119Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 120Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 121Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 122Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 123Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 120
 2010 Microchip Technology Inc.
TABLE 11-5:
PORTC I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
RC0/T1OSO/
T1CKI
RC0
0
O
DIG
LATC<0> data output.
1
I
ST
PORTC<0> data input.
T1OSO
x
O
ANA
Timer1 oscillator output; enabled when Timer1 oscillator is enabled.
Disables digital I/O.
T1CKI
1
I
ST
Timer1/Timer3 counter input.
RC1/T1OSI/
CCP2/FLTA
RC1
0
O
DIG
LATC<1> data output.
1
I
ST
PORTC<1> data input.
T1OSI
x
I
ANA
Timer1 oscillator input; enabled when Timer1 oscillator is enabled.
Disables digital I/O.
CCP2
0
O
DIG
CCP2 compare and PWM output; takes priority over port data.
1
I
ST
CCP2 capture input.
FLTA
1
I
ST
Fault Interrupt Input Pin A.
RC2/CCP1/FLTB
RC2
0
O
DIG
LATC<2> data output.
1
I
ST
PORTC<2> data input.
CCP1
0
O
DIG
CCP1 compare or PWM output; takes priority over port data.
1
I
ST
CCP1 capture input.
FLTB
1
I
ST
Fault Interrupt Input Pin B.
RC3/T0CKI/
T5CKI/INT0
RC3
0
O
DIG
LATC<3> data output.
1
I
ST
PORTC<3> data input.
T0CKI(1)
1
I
ST
Timer0 alternate clock input.
T5CKI(1)
1
I
ST
Timer5 alternate clock input.
INT0
1
I
ST
External Interrupt 0.
RC4/INT1/SDI/
SDA
RC4
0
O
DIG
LATC<4> data output.
1
I
ST
PORTC<4> data input.
INT1
1
I
ST
External Interrupt 1.
SDI(1)
1
I
ST
SPI data input (SSP module).
SDA(1)
0
ODIG
I2C™ data output (SSP module); takes priority over port data.
1
II2CI2C data input (SSP module).
RC5/INT2/SCK/
SCL
RC5
0
O
DIG
LATC<5> data output.
1
I
ST
PORTC<5> data input.
INT2
1
I
ST
External Interrupt 2.
SCK(1)
0
O
DIG
SPI clock output (SSP module); takes priority over port data.
1
I
ST
SPI clock input (SSP module).
SCL(1)
0
ODIG
I2C clock output (SSP module); takes priority over port data.
1
II2CI2C clock input (SSP module); input type depends on module setting.
RC6/TX/CK/SS
RC6
0
O
DIG
LATC<6> data output.
1
I
ST
PORTC<6> data input.
TX
0
O
DIG
Asynchronous serial transmit data output (EUSART module);
takes priority over port data. User must configure as an output.
CK
0
O
DIG
Synchronous serial clock output (EUSART module); takes priority
over port data.
1
I
ST
Synchronous serial clock input (EUSART module).
SS
1
I
ST
SPI slave select input.
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output;
x
= Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Note
1:
RD0 is the alternate pin for T0CKI/T5CKI; RD2 is the alternate pin for SDI/SDA; RD3 is the alternate pin for SCK/SCL;
RD1 is the alternate pin for SDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com