| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18LF4331T-E/SP Fiches technique(PDF) 115 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331T-E/SP Fiches technique(HTML) 115 Page - Microchip Technology |
|
115 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 115 PIC18F2331/2431/4331/4431 TABLE 11-2: SUMMARY OF REGISTERS ASSOCIATED WITH PORTA Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on Page: PORTA RA7(1) RA6(1) RA5 RA4 RA3 RA2 RA1 RA0 57 LATA LATA7(1) LATA6(1) LATA Data Output Register 57 TRISA TRISA7(1) TRISA6(1) PORTA Data Direction Register 57 ADCON1 VCFG1 VCFG0 — FIFOEN BFEMT BFOVFL ADPNT1 ADPNT0 56 ANSEL0 ANS7(2) ANS6(2) ANS5(2) ANS4 ANS3 ANS2 ANS1 ANS0 56 ANSEL1 — — — — — — —ANS8(2) 56 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTA. Note 1: RA<7:6> and their associated latch and data direction bits are enabled as I/O pins based on oscillator configuration; otherwise, they are read as ‘0’. 2: ANS5 through ANS8 are available only on the PIC18F4331/4431 devices. |