Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331-E/SP Fiches technique(PDF) 154 Page - Microchip Technology

No de pièce PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Fiches technique(HTML) 154 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 150Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 151Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 152Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 153Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 154Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 155Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 156Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 157Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 154
 2010 Microchip Technology Inc.
FIGURE 17-3:
INPUT CAPTURE BLOCK DIAGRAM FOR IC2 AND IC3
CAPxBUF(1,2,3)
CAPxREN(2)
TMR5
Enable
TMR5
TMR5 Reset
Timer
Reset
Control
Capture
Clock
ICxIF(1)
Capture Clock/
Q Clocks
CAPxM<3:0>(1)
CAPxBUF_clk(1)
Reset
Reset/
Interrupt
Decode
Logic
Note 1:
IC2 and IC3 are denoted as x = 2 and 3.
2:
CAP2BUF is enabled as POSCNT when QEI mode is active.
3:
CAP3BUF is enabled as MAXCNT when QEI mode is active.
CAP2/3 Pin
CAP1M<3:0>(1) Q Clocks
3
4
FLTCK<2:0>
Prescaler
1, 4, 16
Noise
Filter
and
Mode
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More