Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST25VF064C Fiches technique(PDF) 5 Page - Silicon Storage Technology, Inc

No de pièce SST25VF064C
Description  64 Mbit SPI Serial Dual I/O Flash
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SST [Silicon Storage Technology, Inc]
Site Internet  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF064C Fiches technique(HTML) 5 Page - Silicon Storage Technology, Inc

  SST25VF064C Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Data Sheet
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C
5
©2010 Silicon Storage Technology, Inc.
S71392-04-000
04/10
Reset/Hold Mode
The RST#/HOLD# pin provides either a hardware reset or
a hold pin. From power-on, the RST#/HOLD# pin defaults
as a hardware reset pin (RST#). The Hold mode for this pin
is a user selected option where an EHLD instruction
enables the Hold mode. Once selected as a hold pin
(HOLD#), the RST#/HOLD# pin will be configured as a
HOLD# pin, and goes back to RST# pin only after a power-
off and power-on sequence.
Reset
If the RST#/HOLD# pin is used as a reset pin, RST# pin
provides a hardware method for resetting the device. Driving
the RST# pin high puts the device in normal operating
mode. The RST# pin must be driven low for a minimum of
TRST time to reset the device. The SO pin is in high imped-
ance state while the device is in reset. A successful reset will
reset the status register to its power-up state (BPL, BUSY
and WEL = 0; BP3, BP2, BP1, and BP0 = 1). See Table 2
for default power-up modes. A device reset during an active
Program or Erase operation aborts the operation and data
of the targeted address range may be corrupted or lost due
to the aborted erase or program operation.
FIGURE 4: Reset Timing Diagram
TABLE
2: Reset Timing Parameters
Symbol
Parameter
Min
Max
Units
TRST
Reset Pulse Width
100
ns
TRHZ
Reset to High-Z Output
105
ns
TRECR
Reset Recovery from Read
100
ns
TRECP
Reset Recovery from Program
10
µs
TRECE
Reset Recovery from Erase
1
ms
T2.1392
1292 F28.0
CE#
SO
SI
SCK
RST#
TRECR
TRECP
TRECE
TRST
TRHZ


Numéro de pièce similaire - SST25VF064C

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Storage Technol...
SST25VF064C SST-SST25VF064C Datasheet
908Kb / 31P
64 Mbit SPI Serial Dual I/O Flash
logo
Microchip Technology
SST25VF064C MICROCHIP-SST25VF064C Datasheet
4Mb / 37P
64 Mbit SPI Serial Dual I/O Flash
04/15
SST25VF064C-80-4C-Q2AE MICROCHIP-SST25VF064C-80-4C-Q2AE Datasheet
4Mb / 37P
64 Mbit SPI Serial Dual I/O Flash
04/15
SST25VF064C-80-4I-Q2AE MICROCHIP-SST25VF064C-80-4I-Q2AE Datasheet
4Mb / 37P
64 Mbit SPI Serial Dual I/O Flash
04/15
SST25VF064C-80-4I-S3AE MICROCHIP-SST25VF064C-80-4I-S3AE Datasheet
4Mb / 37P
64 Mbit SPI Serial Dual I/O Flash
04/15
More results

Description similaire - SST25VF064C

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Storage Technol...
SST25VF064C SST-SST25VF064C Datasheet
908Kb / 31P
64 Mbit SPI Serial Dual I/O Flash
logo
Microchip Technology
SST25VF064C MICROCHIP-SST25VF064C Datasheet
4Mb / 37P
64 Mbit SPI Serial Dual I/O Flash
04/15
logo
Dialog Semiconductor
AT25QF641 DIALOG-AT25QF641 Datasheet
5Mb / 74P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QF641B DIALOG-AT25QF641B Datasheet
1Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25QL641 DIALOG-AT25QL641 Datasheet
5Mb / 77P
64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25SF641B DIALOG-AT25SF641B Datasheet
1Mb / 59P
64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SL641 DIALOG-AT25SL641 Datasheet
5Mb / 76P
64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
logo
Renesas Technology Corp
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
AT25QF641B RENESAS-AT25QF641B Datasheet
2Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-05-18
AT25SF641B RENESAS-AT25SF641B Datasheet
1Mb / 60P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com