| Moteur de recherche de fiches techniques de composants électroniques |
|
16F1825 Fiches technique(PDF) 139 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1825 Fiches technique(HTML) 139 Page - Microchip Technology |
|
139 / 420 page ![]() 2010 Microchip Technology Inc. Preliminary DS41440A-page 139 PIC16F/LF1825/1829 12.4.2 PORTC FUNCTIONS AND OUTPUT PRIORITIES Each PORTC pin is multiplexed with other functions. The pins, their combined functions and their output priorities are briefly described here. For additional information, refer to the appropriate section in this data sheet. When multiple outputs are enabled, the actual pin control goes to the peripheral with the lowest number in the following lists. Analog input and some digital input functions are not included in the list below. These input functions can remain active when the pin is configured as an output. Certain digital input functions override other port functions and are included in the priority list. RC0 1. SCL (MSSP) (PIC16F/LF1825 only) 2. SCK (MSSP) (PIC16F/LF1825 only) 3. P1D RC1 1. SDA1 (MSSP) (PIC16F/LF1825 only) 1. SDA1 (MSSP) (PIC16F/LF1829 only) 2. P1C RC2 1. SDO (MSSP) (PIC16F/LF1825 only) 2. P1D 3. P2B RC3 1. SS1 (MSSP) (PIC16F/LF1825 only) 2. CCP2 3. P1C 4. P2A RC4 1. MDOUT 2. SRNQ 3. C2OUT 4. TX/CK 5. P1B RC5 1. RX/DT 2. CCP1/P1A RC6 (PIC16F/LF1829 only) 1. SS1 (MSSP) 2. CCP4 RC7 (PIC16F/LF1829 only) 1. SDO (MSSP) |