Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F720-I/SS Fiches technique(PDF) 243 Page - Microchip Technology

No de pièce PIC16F720-I/SS
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-I/SS Fiches technique(HTML) 243 Page - Microchip Technology

Back Button PIC16F720-I/SS Datasheet HTML 236Page - Microchip Technology PIC16F720-I/SS Datasheet HTML 237Page - Microchip Technology PIC16F720-I/SS Datasheet HTML 238Page - Microchip Technology PIC16F720-I/SS Datasheet HTML 239Page - Microchip Technology PIC16F720-I/SS Datasheet HTML 240Page - Microchip Technology PIC16F720-I/SS Datasheet HTML 241Page - Microchip Technology PIC16F720-I/SS Datasheet HTML 242Page - Microchip Technology PIC16F720-I/SS Datasheet HTML 243Page - Microchip Technology PIC16F720-I/SS Datasheet HTML 244Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 243 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 243
PIC16F/LF720/721
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC16F720(1), PIC16LF720(1), PIC16F721(1), PIC16LF721(1)
Temperature
Range:
I=
-40
C to +85C
E=
-40
C to +125C
MV
=
Micro Lead Frame (UQFN)
Package:
ML
=
Micro Lead Frame (QFN)
P
=
Plastic DIP
SO
=
SOIC
SS
=
SSOP
Pattern:
3-Digit Pattern Code for QTP (blank otherwise)
Examples:
a)
PIC16F720-E/P 301 = Extended Temp., PDIP
package, QTP pattern #301
b)
PIC16F721-I/SO = Industrial Temp., SOIC
package
Note 1:
T
= In tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More