| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18LF4331 Fiches technique(PDF) 128 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331 Fiches technique(HTML) 128 Page - Microchip Technology |
|
128 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 128 2010 Microchip Technology Inc. FIGURE 12-1: TIMER0 BLOCK DIAGRAM (8-BIT MODE) FIGURE 12-2: TIMER0 BLOCK DIAGRAM (16-BIT MODE) Note: Upon Reset, Timer0 is enabled in 8-bit mode with clock input from T0CKI max. prescale. T0CKI pin T0SE 0 1 1 0 T0CS FOSC/4 Programmable Prescaler Sync with Internal Clocks TMR0L (2 TCY Delay) Internal Data Bus PSA T0PS<2:0> Set TMR0IF on Overflow 3 8 8 Note: Upon Reset, Timer0 is enabled in 8-bit mode with clock input from T0CKI max. prescale. T0CKI pin T0SE 0 1 1 0 T0CS FOSC/4 Programmable Prescaler Sync with Internal Clocks TMR0L (2 TCY Delay) Internal Data Bus 8 PSA T0PS<2:0> Set TMR0IF on Overflow 3 TMR0 TMR0H High Byte 8 8 8 Read TMR0L Write TMR0L 8 |