| Moteur de recherche de fiches techniques de composants électroniques |
|
AT90PWM3 Fiches technique(PDF) 232 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM3 Fiches technique(HTML) 232 Page - ATMEL Corporation |
|
232 / 361 page ![]() 232 4317J–AVR–08/10 AT90PWM2/3/2B/3B analog signal is applied to one of these pins and the digital input from this pin is not needed, this bit should be written logic one to reduce power consumption in the digital input buffer. |