Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT90PWM3 Fiches technique(PDF) 131 Page - ATMEL Corporation

No de pièce AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Fiches technique(HTML) 131 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 127Page - ATMEL Corporation AT90PWM3 Datasheet HTML 128Page - ATMEL Corporation AT90PWM3 Datasheet HTML 129Page - ATMEL Corporation AT90PWM3 Datasheet HTML 130Page - ATMEL Corporation AT90PWM3 Datasheet HTML 131Page - ATMEL Corporation AT90PWM3 Datasheet HTML 132Page - ATMEL Corporation AT90PWM3 Datasheet HTML 133Page - ATMEL Corporation AT90PWM3 Datasheet HTML 134Page - ATMEL Corporation AT90PWM3 Datasheet HTML 135Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 361 page
background image
131
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.3.1
PSC2 Distinctive Feature
Figure 16-2. PSC2 versus PSC1&PSC0 Block Diagram
Note:
n = 2
PSC2 has two supplementary outputs PSCOUT22 and PSCOUT23. Thanks to a first selector
PSCOUT22 can duplicate PSCOUT20 or PSCOUT21. Thanks to a second selector PSCOUT23
can duplicate PSCOUT20 or PSCOUT21.
The Output Matrix is a kind of 2*2 look up table which gives the possibility to program the output
values according to a PSC sequence (See “Output Matrix” on page 157.)
16.3.2
Output Polarity
The polarity “active high” or “active low” of the PSC outputs is programmable. All the timing dia-
grams in the following examples are given in the “active high” polarity.
OCRnRB
OCRnSB
OCRnRA
=
=
=
PSC Counter
Waveform
Generator B
PSC Input
Module B
PSC Input
Module A
PSCOUTn1
PCTLn
PFRCnA
PSOCn
( From Analog
Comparator n Ouput )
OCRnSA
=
PCNFn
PFRCnB
POM2(PSC2 only)
PICRn
Waveform
Generator A
PSCOUTn0
PSCINn
Part A
Part B
PSCOUTn2
PSCOUTn3
PISELnB
PISELnA
PSCn Input B
PSCn Input A
POS23
POS22
Output
Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More