Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT90PWM2 Fiches technique(PDF) 215 Page - ATMEL Corporation

No de pièce AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Fiches technique(HTML) 215 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 211Page - ATMEL Corporation AT90PWM2 Datasheet HTML 212Page - ATMEL Corporation AT90PWM2 Datasheet HTML 213Page - ATMEL Corporation AT90PWM2 Datasheet HTML 214Page - ATMEL Corporation AT90PWM2 Datasheet HTML 215Page - ATMEL Corporation AT90PWM2 Datasheet HTML 216Page - ATMEL Corporation AT90PWM2 Datasheet HTML 217Page - ATMEL Corporation AT90PWM2 Datasheet HTML 218Page - ATMEL Corporation AT90PWM2 Datasheet HTML 219Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 361 page
background image
215
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Figure 19-4. Manchester Decoder operation
Note:
N1 = MBURR[H:L]/2
19.3.4.1
Manchester Framing error detection
When configured in Manchester mode, the framing error (FE) of the USCRA register is not used,
the EUSART generates a dedicated Frame Error Manchester (FEM) when a data data bit is not
detected during the detection window (See Figure 19-5).
N2
N1
N3
Manchester
Data
Manchester
Decoder
Counter
Internal
Manchester
Clock
N1/2
N2/2
Data Clock
Bit 1
Bit 2
Start Bit
Start Bit
Decoded
Data
Detection
Window
N3/2
N4
Bit 3
Delayed edge
N2/4
N3/4
N4/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More