Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT90PWM2 Fiches technique(PDF) 153 Page - ATMEL Corporation

No de pièce AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Fiches technique(HTML) 153 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 149Page - ATMEL Corporation AT90PWM2 Datasheet HTML 150Page - ATMEL Corporation AT90PWM2 Datasheet HTML 151Page - ATMEL Corporation AT90PWM2 Datasheet HTML 152Page - ATMEL Corporation AT90PWM2 Datasheet HTML 153Page - ATMEL Corporation AT90PWM2 Datasheet HTML 154Page - ATMEL Corporation AT90PWM2 Datasheet HTML 155Page - ATMEL Corporation AT90PWM2 Datasheet HTML 156Page - ATMEL Corporation AT90PWM2 Datasheet HTML 157Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 361 page
background image
153
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Figure 16-31. PSC behaviour versus PSCn Input A in Mode 8
The output frequency is modulated by the occurence of significative edge of retriggering input.
Figure 16-32. PSC behaviour versus PSCn Input B in Mode 8
The output frequency is modulated by the occurrence of significative edge of retriggering input.
The retrigger event is taken into account only if it occurs during the corresponding On-Time.
Note: In one ramp mode, the retrigger event on input A resets the whole ramp. So the PSC
doesn’t jump to the opposite dead-time.
16.17 PSC Input Mode 9: Fixed Frequency Edge Retrigger PSC
PSCOUTn0
PSCOUTn1
DT0
OT0
DT1
OT1
DT0 OT0
DT0
OT0
DT1
OT1
DT1
OT1
PSCn Input A
PSCOUTn0
PSCOUTn1
DT0
OT0
DT1
OT1
DT0
OT0
DT0
OT0
DT1
OT1
DT1
OT1
PSCn Input B
PSCn Input B
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More