Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UMT2222A Fiches technique(PDF) 1 Page - Rohm

No de pièce UMT2222A
Description  NPN Medium Power Transistor (Switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

UMT2222A Fiches technique(HTML) 1 Page - Rohm

  UMT2222A Datasheet HTML 1Page - Rohm UMT2222A Datasheet HTML 2Page - Rohm UMT2222A Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UMT2222A / SST2222A / MMST2222A / PN2222A
Transistors
NPN Medium Power Transistor (Switching)
UMT2222A / SST2222A / MMST2222A / PN2222A
!Features
1) BVCEO
> 40V (IC=10mA)
2) Complements the UMT2907A / SST2907A
/ MMST2907A / PN2907A.
!Package, marking, and packaging specifications
Part No.
UMT2222A
UMT3
R1P
T106
3000
SST2222A
SST3
R1P
T116
3000
MMST2222A
SMT3
R1P
T146
3000
PN2222A
TO-92
T93
3000
Packaging type
Marking
Code
Basic ordering unit
(pieces)
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Tj
Tstg
Limits
75
40
6
0.6
0.35
150
−55 ∼ +150
Unit
V
V
V
A
W
W
W
PC
0.2
0.625
SST2222A
UMT2222A,SST2222A,
MMST2222A
PN2222A
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
When mounted on a 7 x 5 x 0.6 mm ceramic board
!External dimensions
(Units : mm)
ROHM : UMT3
EIAJ : SC-70
(1) Emitter
(2) Base
(3) Collector
ROHM : SST3
(1) Emitter
(2) Base
(3) Collector
ROHM : SMT3
EIAJ : SC-59
(1) Emitter
(2) Base
(3) Collector
ROHM : TO-92
EIAJ : SC-43
(1) Emitter
(2) Base
(3) Collector
UMT2222A
SST2222A
MMST2222A
PN2222A
0
0.1
0.2Min.
0.95
0.45
±0.1
0.15
0.4
2.9
±0.2
1.9
±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
0
0.1
1.1
0.8
±0.1
0.15
0.4
2.9
±0.2
1.9
±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
0
0.1
(2)
(1)
(3)
0.9
±0.1
0.2
0.7
±0.1
0.15
±0.05
0.3
2.0
±0.2
1.3
±0.1
0.65 0.65
+0.1
−0
4.8
±0.2
3.7
±0.2
5
0.45
2.3
0.5
±0.1
−0.05
+0.15
2.5 +0.3
−0.1
(1)
(2)
(3)
All terminals have same dimensions
All terminals have same dimensions
All terminals have same dimensions
!Electrical characteristics
(Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
75
40
6
100
100
V
V
V
nA
nA
IC
=10µA
IC
=10mA
IE
=10µA
VCB
= 60V
VEB
= 3V
−−
2
VBE(sat)
0.6
1.2
V
−−
1IC/IB
=500mA/50mA
VCE(sat)
−−
0.3
V
IC/IB
=150mA/15mA
IC/IB
=500mA/50mA
IC/IB
=150mA/15mA
40
−−
50
−−
hFE
75
−−
50
−−
35
−−
VCE
=10V , IC =0.1mA
VCE
=10V , IC =1mA
VCE
=10V , IC =10mA
VCE
=1V , IC =150mA
100
300
VCE
=10V , IC =150mA
VCE
=10V , IC =500mA
fT
Cob
300
8
MHz
pF
VCE
=20V , IC =−20mA, f =100MHz
VCB
=10V , f =100kHz
Cib
−−
25
pF
VEB
=0.5V , f =100kHz
td
−−
10
ns
VCC
=30V , VBE(OFF) =0.5V , IC =150mA , IB1 =15mA
VCC
=30V , VBE(OFF) =0.5V , IC =150mA , IB1 =15mA
tr
−−
25
ns
tstg
−−
225
ns
VCC
=30V , IC =150mA , IB1 =−IB2 =15mA
VCC
=30V , IC =150mA , IB1 =−IB2 =15mA
tf
−−
60
ns
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Base-emitter saturation voltage
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Emitter input capacitance
Delay time
Rise time
Storage time
Fall time


Numéro de pièce similaire - UMT2222A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
UMT2222A ROHM-UMT2222A Datasheet
114Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A Datasheet
92Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222AT106 ROHM-UMT2222AT106 Datasheet
92Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A_07 Datasheet
114Kb / 4P
NPN Medium Power Transistor (Switching)
More results

Description similaire - UMT2222A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SST4401 ROHM-SST4401_07 Datasheet
104Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A_07 Datasheet
114Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222AT106 ROHM-UMT2222AT106 Datasheet
92Kb / 4P
NPN Medium Power Transistor (Switching)
SST4401 ROHM-SST4401 Datasheet
88Kb / 4P
NPN Medium Power Transistor (Switching)
logo
Microsemi Corporation
JAN2N697 MICROSEMI-JAN2N697 Datasheet
63Kb / 3P
NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
logo
STMicroelectronics
STL71 STMICROELECTRONICS-STL71 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULD116D STMICROELECTRONICS-BULD116D Datasheet
213Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Seme LAB
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
BUL3N7 STMICROELECTRONICS-BUL3N7 Datasheet
199Kb / 10P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL116 STMICROELECTRONICS-BUL116 Datasheet
218Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com