Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UMT2222A Fiches technique(PDF) 3 Page - Rohm

No de pièce UMT2222A
Description  NPN Medium Power Transistor (Switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

UMT2222A Fiches technique(HTML) 3 Page - Rohm

  UMT2222A Datasheet HTML 1Page - Rohm UMT2222A Datasheet HTML 2Page - Rohm UMT2222A Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UMT2222A / SST2222A / MMST2222A / PN2222A
Transistors
1
10
100
1000
0.8
1.2
1.8
1.6
0.4
0
COLLECTOR CURRENT : Ic(mA)
Ta
=25°C
VCE
=10V
Fig.7 Grounded emitter propagation
characteristics
1.0
10
100
1000
100
1000
10
COLLECTOR CURRENT : Ic(mA)
Ta
=25°C
IC / IB
=10
VCC
=30V
10V
Fig.8 Turn-on time vs. collector
current
1.0
10
100
1000
100
500
5
10
COLLECTOR CURRENT : Ic
(mA)
Ta
=25°C
VCC
=30V
IC / IB
=10
Fig.9 Rise time vs. collector
current
1.0
10
100
1000
100
1000
10
COLLECTOR CURRENT : Ic(mA)
Ta
=25°C
VCC
=30V
IC
=10IB1=10IB2
Fig.10 Storage time vs. collector
current
1.0
10
100
1000
100
1000
10
COLLECTOR CURRENT : Ic(mA)
Ta
=25°C
VCC
=30V
IC
=10IB1=10IB2
Fig.11 Fall time vs. collector
current
0.1
1.0
10
100
10
100
1
REVERSE BIAS VOLTAGE(V)
Ta
=25°C
f
=1MHz
Cib
Cob
Fig.12 Input / output capacitance
vs. voltage
1
10
100
1000
10
1
100
0.1
COLLECTOR CURRENT : Ic(mA)
Ta
=25°C
100MHz
200MHz
250MHz 300MHz
250MHz
Fig.13 Gain bandwidth product
1.0
10
100
1000
100
1000
10
COLLECTOR CURRENT : Ic
(mA)
Ta
=25°C
VCE
=10V
Fig.14 Gain bandwidth product
vs. collector current


Numéro de pièce similaire - UMT2222A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
UMT2222A ROHM-UMT2222A Datasheet
114Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A Datasheet
92Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222AT106 ROHM-UMT2222AT106 Datasheet
92Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A_07 Datasheet
114Kb / 4P
NPN Medium Power Transistor (Switching)
More results

Description similaire - UMT2222A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SST4401 ROHM-SST4401_07 Datasheet
104Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A_07 Datasheet
114Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222AT106 ROHM-UMT2222AT106 Datasheet
92Kb / 4P
NPN Medium Power Transistor (Switching)
SST4401 ROHM-SST4401 Datasheet
88Kb / 4P
NPN Medium Power Transistor (Switching)
logo
Microsemi Corporation
JAN2N697 MICROSEMI-JAN2N697 Datasheet
63Kb / 3P
NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
logo
STMicroelectronics
STL71 STMICROELECTRONICS-STL71 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULD116D STMICROELECTRONICS-BULD116D Datasheet
213Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Seme LAB
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
BUL3N7 STMICROELECTRONICS-BUL3N7 Datasheet
199Kb / 10P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL116 STMICROELECTRONICS-BUL116 Datasheet
218Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com