| Moteur de recherche de fiches techniques de composants électroniques |
|
FS403LF Fiches technique(PDF) 102 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS403LF Fiches technique(HTML) 102 Page - List of Unclassifed Manufacturers |
|
102 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 102 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 8.2 128-Lead PQFP Package, FS403 LF Package is RoHS Compliant. Symbol FS403LF Min. Max. A - 3.40 A1 0.25 B 0.13 0.28 D 23.20 BSC D1 19.80 20.00 E 17.2 BSC E1 13.80 14.10 e 0.50 BSC L 0.73 1.03 N 128 ND 38 NE 26 Notes: 6. All dimensions and tolerances conform to ANSI Y14.5M-1982. 7. Controlling Dimension is millimeters 8. Dimension “B” does not include dambar protrusion. Allowable dambar protrusion shall be .08mm (.003in.) maximum in excess of the “B” dimension. Dambar cannot be located on the lower radius or the foot. 9. “L” is the length of terminal for soldering to a substrate. 10. “B” includes lead finish thickness. |