Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC312XDP512F0CFVR Fiches technique(PDF) 1073 Page - Freescale Semiconductor, Inc

No de pièce PC312XDP512F0CFVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Fiches technique(HTML) 1073 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1069Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1070Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1071Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1072Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1073Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1074Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1075Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1076Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1077Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1073 / 1348 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1075
region are shown in the EEPROM memory map. The default protection setting is stored in the EEPROM
configuration field as described in Table 26-1.
Table 26-1. EEPROM Configuration Field
Global Address
Size
(bytes)
Description
0x13_FFFC
1
Reserved
0x13_FFFD
1
EEPROM Protection byte
Refer to Section 26.3.2.5, “EEPROM Protection Register (EPROT)”
0x13_FFFE – 0x13_FFFF
2
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More