| Moteur de recherche de fiches techniques de composants électroniques |
|
PC312XDP512F0CFVR Fiches technique(PDF) 1041 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR Fiches technique(HTML) 1041 Page - Freescale Semiconductor, Inc |
|
1041 / 1348 page ![]() Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 1043 25.3.2 Register Descriptions The EEPROM module also contains a set of 12 control and status registers located between EEPROM module base + 0x0000 and 0x000B. A summary of the EEPROM module registers is given in Figure 25-3. Detailed descriptions of each register bit are provided. Register Name Bit 7 654321 Bit 0 ECLKDIV R EDIVLD PRDIV8 EDIV5 EDIV4 EDIV3 EDIV2 EDIV1 EDIV0 W RESERVED1 R 0 0000000 W RESERVED2 R 0 0000000 W ECNFG R CBEIE CCIE 000000 W EPROT R EPOPEN RNV6 RNV5 RNV4 EPDIS EPS2 EPS1 EPS0 W ESTAT R CBEIF CCIF PVIOL ACCERR 0 BLANK 0 0 W ECMD R 0 CMDB W RESERVED3 R 0 0000000 W EADDRHI R 0 00000 EABHI W EADDRLO R EABLO W EDATAHI R EDHI W EDATALO R EDLO W = Unimplemented or Reserved Figure 25-3. EETX2K Register Summary |