| Moteur de recherche de fiches techniques de composants électroniques |
|
PC312XDP512F0CFVR Fiches technique(PDF) 905 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR Fiches technique(HTML) 905 Page - Freescale Semiconductor, Inc |
|
905 / 1348 page ![]() M PM7 TXCAN4 O MSCAN4 transmit pin GPIO GPIO I/O General-purpose I/O PM6 RXCAN4 I MSCAN4 receive pin GPIO I/O General-purpose I/O PM5 TXCAN2 O MSCAN2 transmit pin TXCAN0 O MSCAN0 transmit pin TXCAN4 O MSCAN4 transmit pin SCK0 I/O Serial Peripheral Interface 0 serial clock pin If CAN0 is routed to PM[3:2] the SPI0 can still be used in bidirectional master mode. GPIO I/O General-purpose I/O PM4 RXCAN2 I MSCAN2 receive pin RXCAN0 I MSCAN0 receive pin RXCAN4 I MSCAN4 receive pin MOSI0 I/O Serial Peripheral Interface 0 master out/slave in pin If CAN0 is routed to PM[3:2] the SPI0 can still be used in bidirectional master mode. GPIO I/O General-purpose I/O PM3 TXCAN1 O MSCAN1 transmit pin TXCAN0 O MSCAN0 transmit pin SS0 I/O Serial Peripheral Interface 0 slave select output in master mode, input for slave mode or master mode. GPIO I/O General-purpose I/O PM2 RXCAN1 I MSCAN1 receive pin RXCAN0 I MSCAN0 receive pin MISO0 I/O Serial Peripheral Interface 0 master in/slave out pin GPIO I/O General-purpose I/O PM1 TXCAN0 O MSCAN0 transmit pin GPIO I/O General-purpose I/O PM0 RXCAN0 I MSCAN0 receive pin GPIO I/O General-purpose I/O Table 23-1. Pin Functions and Priorities (Sheet 4 of 7) Port Pin Name Pin Function and Priority I/O Description Pin Function after Reset |