Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC912XDP512F0CFVR Fiches technique(PDF) 1039 Page - Freescale Semiconductor, Inc

No de pièce PC912XDP512F0CFVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Fiches technique(HTML) 1039 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1035Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1036Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1037Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1038Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1039Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1040Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1041Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1042Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1043Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1039 / 1348 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1041
region are shown in the EEPROM memory map. The default protection setting is stored in the EEPROM
configuration field as described in Table 25-1.
Table 25-1. EEPROM Configuration Field
Global Address
Size
(bytes)
Description
0x13_FFFC
1
Reserved
0x13_FFFD
1
EEPROM Protection byte
Refer to Section 25.3.2.5, “EEPROM Protection Register (EPROT)”
0x13_FFFE – 0x13_FFFF
2
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More