Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC912XDP512F0CFVR Fiches technique(PDF) 347 Page - Freescale Semiconductor, Inc

No de pièce PC912XDP512F0CFVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Fiches technique(HTML) 347 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 343Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 344Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 345Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 346Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 347Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 348Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 349Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 350Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 351Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 1348 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
347
7.3.2.29
8-Bit Pulse Accumulators Holding Registers (PA3H–PA0H)
Read: Anytime.
Write: Has no effect.
All bits reset to zero.
These registers are used to latch the value of the corresponding pulse accumulator when the related bits in
register ICPAR are enabled (see Section 7.4.1.3, “Pulse Accumulators”).
76543210
R
PA3H7
PA3H6
PA3H5
PA3H4
PA3H3
PA3H2
PA3H1
PA3H0
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-51. 8-Bit Pulse Accumulators Holding Register 3 (PA3H)
76543210
R
PA2H7
PA2H6
PA2H5
PA2H4
PA2H3
PA2H2
PA2H1
PA2H0
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-52. 8-Bit Pulse Accumulators Holding Register 2 (PA2H)
76543210
R
PA1H7
PA1H6
PA1H5
PA1H4
PA1H3
PA1H2
PA1H1
PA1H0
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-53. 8-Bit Pulse Accumulators Holding Register 1 (PA1H)
76543210
R
PA0H7
PA0H6
PA0H5
PA0H4
PA0H3
PA0H2
PA0H1
PA0H0
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-54. 8-Bit Pulse Accumulators Holding Register 0 (PA0H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More