| Moteur de recherche de fiches techniques de composants électroniques |
|
PC912XDP512F0CFVR Fiches technique(PDF) 286 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR Fiches technique(HTML) 286 Page - Freescale Semiconductor, Inc |
|
286 / 1348 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.21 286 Freescale Semiconductor Operation ~(RD.H ^ IMM8) ⇒ RD.H Performs a bit wise logical exclusive NOR between the high byte of register RD and an immediate 8 bit constant and stores the result in the destination register RD.H. The low byte of RD is not affected. CCR Effects Code and CPU Cycles XNORH Logical Exclusive NOR Immediate 8 bit Constant (High Byte) XNORH NZ V C ∆∆ 0— N: Set if bit 15 of the result is set; cleared otherwise. Z: Set if the 8 bit result is $00; cleared otherwise. V: 0; cleared. C: Not affected. Source Form Address Mode Machine Code Cycles XNORH RD, #IMM8 IMM8 1 0 1 1 1 RD IMM8 P |