| Moteur de recherche de fiches techniques de composants électroniques |
|
MC68HC705MC4MP Fiches technique(PDF) 132 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP Fiches technique(HTML) 132 Page - Freescale Semiconductor, Inc |
|
132 / 180 page ![]() Serial Communications Interface MC68HC705MC4 — Rev. 2.0 Serial Communications Interface RWU — Receiver Wakeup Enable This read/write bit puts the receiver in a standby state. Typically, data transmitted to the receiver clears the RWU bit and returns the receiver to normal operation. The WAKE bit in SCCR1 determines whether an idle input or an address mark brings the receiver out of the standby state. Reset clears the RWU bit. 1 = Standby state 0 = Normal operation SBK — Send Break Setting this read/write bit continuously transmits break codes in the form of 10-bit or 11-bit groups of logic 0s. Clearing the SBK bit stops the break codes and transmits a logic 1 as a start bit. Reset clears the SBK bit. 1 = Break codes being transmitted 0 = No break codes being transmitted Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |