Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705SP7 Fiches technique(PDF) 185 Page - Freescale Semiconductor, Inc

No de pièce 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Fiches technique(HTML) 185 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 181Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 182Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 183Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 184Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 185Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 186Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 187Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 188Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 230 page
background image
EPROM/OTPROM
EPROM Programming
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
EPROM/OTPROM
addresses $1FF0–$1FFF which includes the mask option register at
address $1FF1, and the security bit at address $1FF0.
NOTE:
To program the EPROM/OTPROM, MOR or EPMSEC bits properly, the
VDD voltage must be greater than 4.5 volts.
13.4.1 MOR Programming
The contents of the MOR should be programmed using the programmer
board. To program any bits in the MOR, the desired bit states must be
written to the MOR address and then the MPGM bit in the EPROG
register must be used. The following sequence will program the MOR:
1. Write the desired data to the MOR location ($1FF1).
2. Apply the programming voltage to the IRQ/VPP pin.
3. Set the MPGM bit in the EPROG.
4. Wait for the programming time, tMPGM.
5. Clear the MPGM bit in the EPROG.
6. Remove the programming voltage from the IRQ/VPP pin.
Once the MOR bits have been programmed, some of the options may
experience glitches in operation after removal of the programming
voltage. It is recommended that the part be reset before trying to verify
the contents of the user EPROM or the MOR itself.
NOTE:
The contents of the EPROM or the MOR cannot be accessed if the
EPMSEC bit in the COP register has been set.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More