| Moteur de recherche de fiches techniques de composants électroniques |
|
68HC705SP7 Fiches technique(PDF) 175 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 Fiches technique(HTML) 175 Page - Freescale Semiconductor, Inc |
|
175 / 230 page ![]() Personality EPROM PEPROM Registers MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Personality EPROM PEPRZF — PEPROM Row Zero Flag This read-only bit is set when the PEPROM bit select register selects the first row (row zero) of the PEPROM array. Selecting any other row clears PEPRZF. Monitoring PEPRZF can reduce the code needed to access one byte of eight PEPROM locations. Reset clears the PEPROM bit select register, thereby setting the PEPRZF bit by default. 1 = Row zero selected 0 = Row zero not selected Table 12-1. PEPROM Bit Selection PEBSR PEPROM Bit Selected $00 $01 | V $07 $08 $09 | V $37 $38 $39 | V $3E $3F Row 0 Row 1 | V Row 7 Row 0 Row 1 | V Row 7 Row 0 Row 1 | V Row 6 Row 7 Column 0 Column 0 | V Column 0 Column 1 Column 1 | V Column 6 Column 7 Column 7 | V Column 7 Column 7 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |