| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F23K22-E/SS Fiches technique(PDF) 190 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/SS Fiches technique(HTML) 190 Page - Microchip Technology |
|
190 / 492 page ![]() PIC18(L)F2X/4XK22 DS41412B-page 190 Preliminary 2010 Microchip Technology Inc. FIGURE 14-7: EXAMPLE ENHANCED PWM OUTPUT RELATIONSHIPS (ACTIVE-LOW STATE) 0 Period 00 10 01 11 Signal PRx+1 PxM<1:0> PxA Modulated PxA Modulated PxB Modulated PxA Active PxB Inactive PxC Inactive PxD Modulated PxA Inactive PxB Modulated PxC Active PxD Inactive Pulse Width (Single Output) (Half-Bridge) (Full-Bridge, Forward) (Full-Bridge, Reverse) Delay(1) Delay(1) Relationships: • Period = 4 * TOSC * (PRx + 1) * (TMRx Prescale Value) • Pulse Width = TOSC * (CCPRxL<7:0>:CCPxCON<5:4>) * (TMRx Prescale Value) • Delay = 4 * TOSC * (PWMxCON<6:0>) Note 1: Dead-band delay is programmed using the PWMxCON register (Section 14.4.5 “Programmable Dead-Band Delay Mode”). |