Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4580-E/ML Fiches technique(PDF) 140 Page - Microchip Technology

No de pièce PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Fiches technique(HTML) 140 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 136Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 137Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 138Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 139Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 140Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 141Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 142Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 143Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 140
© 2009 Microchip Technology Inc.
TABLE 11-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page:
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
58
LATB
LATB Output Latch Register
58
TRISB
PORTB Data Direction Register
58
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
55
INTCON2
RBPU
INTEDG0 INTEDG1 INTEDG2
—
TMR0IP
—RBIP
55
INTCON3
INT2IP
INT1IP
—INT2IE
INT1IE
—
INT2IF
INT1IF
55
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
56
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More