Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2012AT-20I/P Fiches technique(PDF) 167 Page - Microchip Technology

No de pièce DSPIC30F2012AT-20I/P
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-20I/P Fiches technique(HTML) 167 Page - Microchip Technology

Back Button DSPIC30F2012AT-20I/P Datasheet HTML 163Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 164Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 165Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 166Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 167Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 168Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 169Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 170Page - Microchip Technology DSPIC30F2012AT-20I/P Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 206 page
background image
© 2008 Microchip Technology Inc.
DS70139F-page 167
dsPIC30F2011/2012/3012/3013
FIGURE 20-9:
INPUT CAPTURE (CAPx) TIMING CHARACTERISTICS
TABLE 20-26: INPUT CAPTURE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Max
Units
Conditions
IC10
TccL
ICx Input Low Time
No Prescaler
0.5 TCY + 20
—
ns
With Prescaler
10
—
ns
IC11
TccH
ICx Input High Time
No Prescaler
0.5 TCY + 20
—
ns
With Prescaler
10
—
ns
IC15
TccP
ICx Input Period
(2 TCY + 40)/N
—
ns
N = prescale
value (1, 4, 16)
Note 1: These parameters are characterized but not tested in manufacturing.
ICX
IC10
IC11
IC15
Note: Refer to Figure 20-3 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More