| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2012AT-20I/P Fiches technique(PDF) 106 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT-20I/P Fiches technique(HTML) 106 Page - Microchip Technology |
|
106 / 206 page ![]() dsPIC30F2011/2012/3012/3013 DS70139F-page 106 © 2008 Microchip Technology Inc. 15.3.4 TRANSMIT INTERRUPT The transmit interrupt flag (U1TXIF or U2TXIF) is located in the corresponding interrupt flag register. The transmitter generates an edge to set the UxTXIF bit. The condition for generating the interrupt depends on the UTXISEL control bit: a) If UTXISEL = 0, an interrupt is generated when a word is transferred from the transmit buffer to the Transmit Shift register (UxTSR). This means that the transmit buffer has at least one empty word. b) If UTXISEL = 1, an interrupt is generated when a word is transferred from the transmit buffer to the Transmit Shift register (UxTSR) and the transmit buffer is empty. Switching between the two Interrupt modes during operation is possible and sometimes offers more flexibility. 15.3.5 TRANSMIT BREAK Setting the UTXBRK bit (UxSTA<11>) will cause the UxTX line to be driven to logic ‘0’. The UTXBRK bit overrides all transmission activity. Therefore, the user should generally wait for the transmitter to be Idle before setting UTXBRK. To send a Break character, the UTXBRK bit must be set by software and must remain set for a minimum of 13 baud clock cycles. The UTXBRK bit is then cleared by software to generate Stop bits. The user must wait for a duration of at least one or two baud clock cycles in order to ensure a valid Stop bit(s) before reloading the UxTXB, or starting other transmitter activity. Transmission of a Break character does not generate a transmit interrupt. 15.4 Receiving Data 15.4.1 RECEIVING IN 8-BIT OR 9-BIT DATA MODE The following steps must be performed while receiving 8-bit or 9-bit data: 1. Set up the UART (see Section 15.3.1 “Trans- mitting in 8-bit data mode”). 2. Enable the UART (see Section 15.3.1 “Trans- mitting in 8-bit data mode”). 3. A receive interrupt will be generated when one or more data words have been received, depend- ing on the receive interrupt settings specified by the URXISEL bits (UxSTA<7:6>). 4. ReadtheOERRbittodetermineifanoverrunerror has occurred. The OERR bit must be reset in soft- ware. 5. Read the received data from UxRXREG. The act of reading UxRXREG will move the next word to the top of the receive FIFO, and the PERR and FERR values will be updated. 15.4.2 RECEIVE BUFFER (UXRXB) The receive buffer is 4 words deep. Including the Receive Shift register (UxRSR), the user effectively has a 5-word deep FIFO buffer. URXDA (UxSTA<0>) = 1 indicates that the receive buffer has data available. URXDA = 0 implies that the buffer is empty. If a user attempts to read an empty buffer, the old values in the buffer will be read and no data shift will occur within the FIFO. The FIFO is reset during any device Reset. It is not affected when the device enters or wakes up from a Power Saving mode. 15.4.3 RECEIVE INTERRUPT The receive interrupt flag (U1RXIF or U2RXIF) can be read from the corresponding interrupt flag register. The interrupt flag is set by an edge generated by the receiver. The condition for setting the receive interrupt flag depends on the settings specified by the URXISEL<1:0> (UxSTA<7:6>) control bits. a) If URXISEL<1:0> = 00 or 01, an interrupt is generated every time a data word is transferred from the Receive Shift register (UxRSR) to the receive buffer. There may be one or more characters in the receive buffer. b) If URXISEL<1:0> = 10, an interrupt is generated when a word is transferred from the Receive Shift register (UxRSR) to the receive buffer, which as a result of the transfer, contains 3 characters. c) If URXISEL<1:0> = 11, an interrupt is set when a word is transferred from the Receive Shift register (UxRSR) to the receive buffer, which as a result of the transfer, contains 4 characters (i.e., becomes full). Switching between the Interrupt modes during operation is possible, though generally not advisable during normal operation. 15.5 Reception Error Handling 15.5.1 RECEIVE BUFFER OVERRUN ERROR (OERR BIT) The OERR bit (UxSTA<1>) is set if all of the following conditions occur: a) The receive buffer is full. b) The Receive Shift register is full, but unable to transfer the character to the receive buffer. c) The Stop bit of the character in the UxRSR is detected, indicating that the UxRSR needs to transfer the character to the buffer. Once OERR is set, no further data is shifted in UxRSR (until the OERR bit is cleared in software or a Reset occurs). The data held in UxRSR and UxRXREG remains valid. |