| Moteur de recherche de fiches techniques de composants électroniques |
|
dsPIC30F2011 Fiches technique(PDF) 109 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC30F2011 Fiches technique(HTML) 109 Page - Microchip Technology |
|
109 / 206 page ![]() TABLE 15-1: UART1 REGISTER MAP FOR dsPIC30F2011/2012/3012/3013 TABLE 15-2: UART2 REGISTER MAP FOR dsPIC30F3013(1) SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State U1MODE 020C UARTEN —USIDL — —ALTIO — — WAKE LPBACK ABAUD — — PDSEL1 PDSEL0 STSEL 0000 0000 0000 0000 U1STA 020E UTXISEL — — — UTXBRK UTXEN UTXBF TRMT URXISEL1 URXISEL0 ADDEN RIDLE PERR FERR OERR URXDA 0000 0001 0001 0000 U1TXREG 0210 — — — — — — — UTX8 Transmit Register 0000 000u uuuu uuuu U1RXREG 0212 — — — — — — — URX8 Receive Register 0000 0000 0000 0000 U1BRG 0214 Baud Rate Generator Prescaler 0000 0000 0000 0000 Legend: u = uninitialized bit; — = unimplemented bit, read as ‘0’ SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State U2MODE 0216 UARTEN —USIDL — — — — — WAKE LPBACK ABAUD — — PDSEL1 PDSEL0 STSEL 0000 0000 0000 0000 U2STA 0218 UTXISEL — — — UTXBRK UTXEN UTXBF TRMT URXISEL1 URXISEL0 ADDEN RIDLE PERR FERR OERR URXDA 0000 0001 0001 0000 U2TXREG 021A — — — — — — — UTX8 Transmit Register 0000 000u uuuu uuuu U2RXREG 021C — — — — — — — URX8 Receive Register 0000 0000 0000 0000 U2BRG 021E Baud Rate Generator Prescaler 0000 0000 0000 0000 Legend: u = uninitialized bit; — = unimplemented bit, read as ‘0’ Note 1: UART2 is not available on dsPIC30F2011/2012/3012 devices. 2: Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. |