Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24F04KA201 Fiches technique(PDF) 146 Page - Microchip Technology

No de pièce PIC24F04KA201
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Fiches technique(HTML) 146 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 142Page - Microchip Technology PIC24F04KA201 Datasheet HTML 143Page - Microchip Technology PIC24F04KA201 Datasheet HTML 144Page - Microchip Technology PIC24F04KA201 Datasheet HTML 145Page - Microchip Technology PIC24F04KA201 Datasheet HTML 146Page - Microchip Technology PIC24F04KA201 Datasheet HTML 147Page - Microchip Technology PIC24F04KA201 Datasheet HTML 148Page - Microchip Technology PIC24F04KA201 Datasheet HTML 149Page - Microchip Technology PIC24F04KA201 Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 144
Preliminary
© 2009 Microchip Technology Inc.
FIGURE 19-1:
10-BIT HIGH-SPEED A/D CONVERTER BLOCK DIAGRAM
Comparator
10-Bit SAR
Conversion Logic
VREF+
DAC
AN12
AN10
AN11
AN4
AN5
AN0
AN1
AN2
AN3
VREF-
Sample Control
S/H
AVSS
AVDD
ADC1BUF0:
ADC1BUFF
AD1CON1
AD1CON2
AD1CON3
AD1CHS
AD1PCFG
Control Logic
Data Formatting
Input MUX Control
Conversion Control
Pin Config Control
Internal Data Bus
16
VR+
VR-
VINH
VINL
VINH
VINH
VINL
VINL
VBG
VBG/2
AD1CSSL
VR+
VR-
AN1
AN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More