| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F23K20-E/SP Fiches technique(PDF) 280 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/SP Fiches technique(HTML) 280 Page - Microchip Technology |
|
280 / 456 page ![]() PIC18F2XK20/4XK20 DS41303G-page 280 2010 Microchip Technology Inc. FIGURE 20-2: COMPARATOR C1 SIMPLIFIED BLOCK DIAGRAM FIGURE 20-3: COMPARATOR C2 SIMPLIFIED BLOCK DIAGRAM Note 1: When C1ON = 0, the C1 comparator will produce a ‘0’ output to the XOR Gate. 2: Output shown for reference only. See I/O port pin block diagram for more detail. 3: Q1 and Q3 are phases of the four-phase system clock (FOSC). 4: Q1 is held high during Sleep mode. MUX C1 C1POL C1OUT To PWM Logic 0 1 2 3 C1ON(1) C1CH<1:0> 2 0 1 C1R C1OE MUX RD_CM1CON0 Set C1IF To C1VIN- C1VIN+ C12IN0- C12IN1- C12IN2- C12IN3- C1IN+ DQ EN Q1 Data Bus DQ EN CL Q3*RD_CM1CON0 Reset C1OUT pin(2) + - 0 1 MUX FVR C1RSEL CVREF C1SP C1VREF MUX C2 C2POL C2OUT To PWM Logic 0 1 2 3 C2ON(1) C2CH<1:0> 2 C2OE DQ EN DQ EN CL RD_CM2CON0 Q3*RD_CM2CON0 Q1 Set C2IF To NRESET C2VIN- C2VIN+ C2OUT pin(2) C12IN0- C12IN1- C12IN2- C12IN3- Data Bus Note 1: When C2ON = 0, the C2 comparator will produce a ‘0’ output to the XOR Gate. 2: Output shown for reference only. See I/O port pin block diagram for more detail. 3: Q1 and Q3 are phases of the four-phase system clock (FOSC). 4: Q1 is held high during Sleep mode. 0 1 C2R MUX C2IN+ 0 1 MUX FVR C2RSEL CVREF C2SP C2VREF |