Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F23K20-E/ML Fiches technique(PDF) 455 Page - Microchip Technology

No de pièce PIC18F23K20-E/ML
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/ML Fiches technique(HTML) 455 Page - Microchip Technology

Back Button PIC18F23K20-E/ML Datasheet HTML 448Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 449Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 450Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 451Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 452Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 453Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 454Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 455Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 456Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 455 / 456 page
background image
 2010 Microchip Technology Inc.
DS41303G-page 455
PIC18F2XK20/4XK20
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC18F23K20(1), PIC18F24K20(1), PIC18F25K20(1),
PIC18F26K20(1), PIC18F43K20(1), PIC18F44K20(1),
PIC18F45K20(1), PIC18F46K20(1)
Temperature
Range:
E=
-40
C to +125C
(Extended)
I= -40
C to +85C
(Industrial)
Package:
ML
=
QFN
MV
=
UQFN
P=
PDIP
PT
=
TQFP (Thin Quad Flatpack)
SO
=
SOIC
SP
=
Skinny Plastic DIP
SS
=
SSOP
Pattern:
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC18F45K20-E/P 301 = Extended temp.,
PDIP package, QTP pattern #301.
b)
PIC18F23K20-I/SO = Industrial temp., SOIC
package.
c)
PIC18F44K20-E/P = Extended temp., PDIP
package.
d)
PIC18F46K20T-I/TP = Industrial temp., TQFP
package, tape and reel.
Note 1:
T
= Part number appended with T
indicates tape and reel. P and SP
package options not available in tape
and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More