| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F722AT-E/ML Fiches technique(PDF) 140 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-E/ML Fiches technique(HTML) 140 Page - Microchip Technology |
|
140 / 284 page ![]() PIC16F/LF722A/723A DS41417A-page 140 2010 Microchip Technology Inc. 16.1.2.8 Asynchronous Reception Set-up: 1. Initialize the SPBRG register and the BRGH bit to achieve the desired baud rate (refer to Section 16.2 “AUSART Baud Rate Generator (BRG)”). 2. Enable the serial port by setting the SPEN bit. The SYNC bit must be clear for asynchronous operation. 3. If interrupts are desired, set the RCIE bit of the PIE1 register and the GIE and PEIE bits of the INTCON register. 4. If 9-bit reception is desired, set the RX9 bit. 5. Enable reception by setting the CREN bit. 6. The RCIF interrupt flag bit of the PIR1 register will be set when a character is transferred from the RSR to the receive buffer. An interrupt will be generated if the RCIE bit of the PIE1 register was also set. 7. Read the RCSTA register to get the error flags and, if 9-bit data reception is enabled, the ninth data bit. 8. Get the received 8 Least Significant data bits from the receive buffer by reading the RCREG register. 9. If an overrun occurred, clear the OERR flag by clearing the CREN receiver enable bit. 16.1.2.9 9-bit Address Detection Mode Set-up This mode would typically be used in RS-485 systems. To set up an Asynchronous Reception with Address Detect Enable: 1. Initialize the SPBRG register and the BRGH bit to achieve the desired baud rate (refer to Section 16.2 “AUSART Baud Rate Generator (BRG)”). 2. Enable the serial port by setting the SPEN bit. The SYNC bit must be clear for asynchronous operation. 3. If interrupts are desired, set the RCIE bit of the PIE1 register and the GIE and PEIE bits of the INTCON register. 4. Enable 9-bit reception by setting the RX9 bit. 5. Enable address detection by setting the ADDEN bit. 6. Enable reception by setting the CREN bit. 7. The RCIF interrupt flag bit of the PIR1 register will be set when a character with the ninth bit set is transferred from the RSR to the receive buffer. An interrupt will be generated if the RCIE inter- rupt enable bit of the PIE1 register was also set. 8. Read the RCSTA register to get the error flags. The ninth data bit will always be set. 9. Get the received 8 Least Significant data bits from the receive buffer by reading the RCREG register. Software determines if this is the device’s address. 10. If an overrun occurred, clear the OERR flag by clearing the CREN receiver enable bit. 11. If the device has been addressed, clear the ADDEN bit to allow all received data into the receive buffer and generate interrupts. FIGURE 16-5: ASYNCHRONOUS RECEPTION Start bit bit 7/8 bit 1 bit 0 bit 7/8 bit 0 Stop bit Start bit Start bit bit 7/8 Stop bit RX/DT pin Reg Rcv Buffer Reg Rcv Shift Read Rcv Buffer Reg RCREG RCIF (Interrupt Flag) OERR bit CREN Word 1 RCREG Word 2 RCREG Stop bit Note: This timing diagram shows three words appearing on the RX input. The RCREG (receive buffer) is read after the third word, causing the OERR (overrun) bit to be set. |