Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F1822-E/ST Fiches technique(PDF) 187 Page - Microchip Technology

No de pièce PIC12F1822-E/ST
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/ST Fiches technique(HTML) 187 Page - Microchip Technology

Back Button PIC12F1822-E/ST Datasheet HTML 183Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 184Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 185Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 186Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 187Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 188Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 189Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 190Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 187
PIC12F/LF1822/16F/LF1823
TABLE 21-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER2
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
221
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
89
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
90
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
92
PR2
Timer2 Module Period Register
184*
T2CON
—
TOUTPS<3:0>
TMR2ON T2CKPS1 T2CKPS0
186
TMR2
Holding Register for the 8-bit TMR2 Register
184*
Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for Timer2 module.
* Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More