Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F1822-E/ST Fiches technique(PDF) 372 Page - Microchip Technology

No de pièce PIC12F1822-E/ST
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/ST Fiches technique(HTML) 372 Page - Microchip Technology

Back Button PIC12F1822-E/ST Datasheet HTML 368Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 369Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 370Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 371Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 372Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 373Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 374Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 375Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 376Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 372
Preliminary
 2010 Microchip Technology Inc.
32.2
Package Marking Information
*
Standard PICmicro® device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
14-Lead PDIP
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F1823-I/P
0910017
14-Lead SOIC (.150”)
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F1823
-I/SL
0910017
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
1823/ST
0910
017
XXXXXXX
16-Lead QFN (4x4x0.9 mm)
XXXXXXX
YYWWNNN
Example
XXXXXX
-I/ML
0910017
16F1823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More