Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F1822-I/MF Fiches technique(PDF) 145 Page - Microchip Technology

No de pièce PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Fiches technique(HTML) 145 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 141Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 142Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 143Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 144Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 145Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 146Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 147Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 148Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 145
PIC12F/LF1822/16F/LF1823
TABLE 15-2:
SUMMARY OF REGISTERS ASSOCIATED WITH ADC
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
—
CHS4
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
139
ADCON1
ADFM
ADCS2
ADCS1
ADCS0
—
—
ADPREF1 ADPREF0
140
ADRESH
A/D Result Register High
141*
ADRESL
A/D Result Register Low
141*
ANSELA
—
—
—ANSA4
—
ANSA2
ANSA1
ANSA0
122
ANSELC(1)
—
—
—
—
ANSC3
ANSC2
ANSC1
ANSC0
126
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
221
DACCON0
DACEN
DACLPS
DACOE
—
DACPSS1 DACPSS0
—
—
151
DACCON1
—
—
—
DACR4
DACR3
DACR2
DACR1
DACR0
151
FVRCON
FVREN
FVRRDY
Reserved
Reserved
CDAFVR1 CDAFVR0
ADFVR1
ADFVR0
132
INTCON
GIE
PEIE
TMR0IE
INTE
IOCE
TMR0IF
INTF
IOCF
89
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
90
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
92
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
121
TRISC(1)
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
125
Legend:
— = unimplemented read as ‘0’. Shaded cells are not used for ADC module.
*
Page provides register information.
Note 1:
PIC16F/LF1823 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More