| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC12F1822-I/MF Fiches technique(PDF) 303 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-I/MF Fiches technique(HTML) 303 Page - Microchip Technology |
|
303 / 398 page ![]() 2010 Microchip Technology Inc. Preliminary DS41413A-page 303 PIC12F/LF1822/16F/LF1823 FIGURE 25-12: SYNCHRONOUS RECEPTION (MASTER MODE, SREN) TABLE 25-8: SUMMARY OF REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER RECEPTION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page BAUDCON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 290 INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 89 PIE1 TMR1GIE ADIE RCIE TXIE SSP1IE CCP1IE TMR2IE TMR1IE 90 PIR1 TMR1GIF ADIF RCIF TXIF SSP1IF CCP1IF TMR2IF TMR1IF 92 RCREG EUSART Receive Data Register 284* RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 289 SPBRGL BRG7 BRG6 BRG5 BRG4 BRG3 BRG2 BRG1 BRG0 291* SPBRGH BRG15 BRG14 BRG13 BRG12 BRG11 BRG10 BRG9 BRG8 291* TRISC(1) — — TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 125 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 288 Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for Synchronous Master Reception. * Page provides register information. Note 1: PIC16F/LF1823 only. CREN bit RX/DT Write to bit SREN SREN bit RCIF bit (Interrupt) Read RCREG ‘0’ bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 ‘0’ Note: Timing diagram demonstrates Sync Master mode with bit SREN = 1 and bit BRGH = 0. TX/CK pin TX/CK pin pin (SCKP = 0) (SCKP = 1) |