Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REC5-XX3.3SRWH Fiches technique(PDF) 1 Page - Recom International Power

No de pièce REC5-XX3.3SRWH
Description  5 Watt DIP24 & SMD Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECOM [Recom International Power]
Site Internet  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5-XX3.3SRWH Fiches technique(HTML) 1 Page - Recom International Power

  REC5-XX3.3SRWH Datasheet HTML 1Page - Recom International Power REC5-XX3.3SRWH Datasheet HTML 2Page - Recom International Power REC5-XX3.3SRWH Datasheet HTML 3Page - Recom International Power REC5-XX3.3SRWH Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECONOLINE
DC/DC-Converter
REC 5
www.recom-international.com
E-107
REV:0/2010
5 Watt
DIP24 & SMD
Single & Dual
Output
High 4kVDC & 6kVDC Isolation
5W DIP24 Industry Standard Package
Feedback Regulated Output
Continuous Short Circuit Protection
Wide Inputs 2:1 & 4:1
Approved for Medical Applications
UL and EN Safety Approvals
2 Pinout Options, 3 Case Styles
Efficiency to 86 %
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency Max. Cap.
Number
Voltage
Voltage
Current
Load
DIP24 (SMD)
(VDC)
(VDC)
(mA)
(%)
REC5-xx3.3SRW/H*
9 - 18, 18 - 36, 36 - 72
3.3
1000
75-77
2200µF
REC5-xx05SRW/H*
9 - 18, 18 - 36, 36 - 72
5
1000
79-81
1000µF
4.5 - 9V
72
REC5-xx09SRW/H*
9 - 18, 18 - 36, 36 - 72
9
556
82-83
470µF
4.5 - 9V
73
REC5-xx12SRW/H*
9 - 18, 18 - 36, 36 - 72
12
420
84-85
220µF
4.5 - 9V
74
REC5-xx15SRW/H*
9 - 18, 18 - 36, 36 - 72
15
340
85-86
120µF
4.5 - 9V
75
REC5-xx05DRW/H*
9 - 18, 18 - 36, 36 - 72
±5
±500
79-81
±470µF
4.5 - 9V
72
REC5-xx09DRW/H*
9 - 18, 18 - 36, 36 - 72
±9
±278
82-84
±220µF
4.5 - 9V
74
REC5-xx12DRW/H*
9 - 18, 18 - 36, 36 - 72
±12
±210
84-85
±100µF
4.5 - 9V
75
REC5-xx15DRW/H*
9 - 18, 18 - 36, 36 - 72
±15
±170
85-86
±68µF
4.5 - 9V
75
REC5-xx3.3SRWZ/H*
9 - 36**, 18 - 72
3.3
1000
75-76
2200µF
REC5-xx05SRWZ /H*
9 - 36**, 18 - 72
5
1000
81-82
1000µF
REC5-xx09SRWZ/H*
9 - 36, 18 - 72
9
556
82-83
470µF
REC5-xx12SRWZ /H*
9 - 36, 18 - 72
12
420
83-84
220µF
REC5-xx15SRWZ/H*
9 - 36, 18 - 72
15
340
84-85
120µF
REC5-xx05DRWZ/H*
9 - 36**, 18 - 72
±5
±500
81-82
±470µF
REC5-xx09DRWZ/H*
9 - 36, 18 - 72
±9
±278
82-84
±220µF
REC5-xx12DRWZ /H*
9 - 36, 18 - 72
±12
±210
82-83
±100µF
REC5-xx15DRWZ /H*
9 - 36, 18 - 72
±15
±170
84-85
±68µF
H* = H2, H4 or H6 for A or C pinning options with 2kVDC, 4kVDC or 6kVDC isolation.
H* = H for B pinning option with 1.6kVDC isolation only.
This series offers standard isolation of 2kDC with 4kVDC or 6kVDC options making it ideal for both industrial, medical and
other sophisticated high end applications. Packaging can be either DIP-24 non-conductive plastic or 5-side-shielded
DIP24 metal case (= option "/M") as well as DIP24-SMD case (= option "/SMD"). For all the above variants, 2 industry-
standard pinouts (= option "/A" or "/C") are available. “B” pinning is also available with “/H” isolation of 1.6kVDC. Remote
on/off control is possible with the /CTRL option (“A” pinning only). The converters can deliver 140% rated power for short
periods of time to cope with applications with large capacitive loads or high start up currents.
Description
EN-60950-1 Certified
UL-60950-1 Certified
EN-60601-1 Certified
* add suffix "/A", “/B”or "/C" for pinning options,
see next page and Isolation Restrictions.
* add suffix "/M" for metal case.
* add suffix "/SMD" for SMD package.
* add suffix “/CTRL” for control pin option
(A Pinning only)
* add suffix -R for Tape and Reel packaging
Isolation Restrictions
‘B” Pinning is restricted to 1.6kV isolation due
to the closeness of the input and output pins.
If the options "/M" for metal case and "/SMD"
for SMD pinout are combined, the maximum
allowed isolation voltage is 2kVDC because of
the shorter distances between pins and the
metal case.
DIP-24 through-hole case and SMD-plastic
case are not affected and offer the full isolation
barriers of 2kV through to 6kVDC.
2:1 Input
4:1 Input
(REC5-S/DRW)
(REC5-S/DRWZ)
xx = 4.5-9Vin = 05
xx = 9-36Vin = 24
xx = 9-18Vin = 12
xx = 18-72Vin = 48
xx = 18-36Vin = 24
xx = 36-72Vin = 48
** Derate to 900mA (±450mA) max. at Vin=9V.
Refer to Application Notes
E-224736
RoHS
2002/95/EC
6/6


Numéro de pièce similaire - REC5-XX3.3SRWH

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
REC5-XX3.3SRW ETC2-REC5-XX3.3SRW Datasheet
150Kb / 4P
High 4kVDC 6kVDC Isolation
REC5-XX3.3SRWZ ETC2-REC5-XX3.3SRWZ Datasheet
150Kb / 4P
High 4kVDC 6kVDC Isolation
More results

Description similaire - REC5-XX3.3SRWH

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
5 Watt DIP24 & SMD, Single & Dual Output
RP05-2433SAW RECOM-RP05-2433SAW Datasheet
104Kb / 4P
5 Watt DIP24 & SMD, Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
5 Watt DIP24 / SMD Single & Dual Output
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
5 Watt DIP24 / SMD Single & Dual Output
RP05-123.3SF RECOM-RP05-123.3SF Datasheet
99Kb / 4P
5 Watt DIP24 & SMD, Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRWH4 RECOM-REC5-053.3SRWH4 Datasheet
88Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com