Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC9S08SH4MPJR Fiches technique(PDF) 135 Page - Freescale Semiconductor, Inc

No de pièce MC9S08SH4MPJR
Description  Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Fiches technique(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 131Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 132Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 133Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 134Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 135Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 136Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 137Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 138Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 338 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADC10V1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
135
9.3.10
Pin Control 3 Register (APCTL3)
APCTL3 is used to control channels 16–23 of the ADC module.
1
ADPC9
ADC Pin Control 9 — ADPC9 is used to control the pin associated with channel AD9.
0 AD9 pin I/O control enabled
1 AD9 pin I/O control disabled
0
ADPC8
ADC Pin Control 8 — ADPC8 is used to control the pin associated with channel AD8.
0 AD8 pin I/O control enabled
1 AD8 pin I/O control disabled
7654
3
210
R
ADPC23
ADPC22
ADPC21
ADPC20
ADPC19
ADPC18
ADPC17
ADPC16
W
Reset:
0
0
0
0
0
0
0
0
Figure 9-13. Pin Control 3 Register (APCTL3)
Table 9-11. APCTL3 Register Field Descriptions
Field
Description
7
ADPC23
ADC Pin Control 23 — ADPC23 is used to control the pin associated with channel AD23.
0 AD23 pin I/O control enabled
1 AD23 pin I/O control disabled
6
ADPC22
ADC Pin Control 22 — ADPC22 is used to control the pin associated with channel AD22.
0 AD22 pin I/O control enabled
1 AD22 pin I/O control disabled
5
ADPC21
ADC Pin Control 21 — ADPC21 is used to control the pin associated with channel AD21.
0 AD21 pin I/O control enabled
1 AD21 pin I/O control disabled
4
ADPC20
ADC Pin Control 20 — ADPC20 is used to control the pin associated with channel AD20.
0 AD20 pin I/O control enabled
1 AD20 pin I/O control disabled
3
ADPC19
ADC Pin Control 19 — ADPC19 is used to control the pin associated with channel AD19.
0 AD19 pin I/O control enabled
1 AD19 pin I/O control disabled
2
ADPC18
ADC Pin Control 18 — ADPC18 is used to control the pin associated with channel AD18.
0 AD18 pin I/O control enabled
1 AD18 pin I/O control disabled
Table 9-10. APCTL2 Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com