Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC9S08SH4MPJR Fiches technique(PDF) 130 Page - Freescale Semiconductor, Inc

No de pièce MC9S08SH4MPJR
Description  Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Fiches technique(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 126Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 127Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 128Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 129Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 130Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 131Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 132Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 133Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 338 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADC10V1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
130
Freescale Semiconductor
9.3.3
Data Result High Register (ADCRH)
ADCRH contains the upper two bits of the result of a 10-bit conversion. When configured for 8-bit
conversions both ADR8 and ADR9 are equal to zero. ADCRH is updated each time a conversion
completes except when automatic compare is enabled and the compare condition is not met. In 10-bit
MODE, reading ADCRH prevents the ADC from transferring subsequent conversion results into the result
registers until ADCRL is read. If ADCRL is not read until after the next conversion is completed, then the
intermediate conversion result will be lost. In 8-bit mode there is no interlocking with ADCRL. In the case
that the MODE bits are changed, any data in ADCRH becomes invalid.
9.3.4
Data Result Low Register (ADCRL)
ADCRL contains the lower eight bits of the result of a 10-bit conversion, and all eight bits of an 8-bit
conversion. This register is updated each time a conversion completes except when automatic compare is
enabled and the compare condition is not met. In 10-bit mode, reading ADCRH prevents the ADC from
transferring subsequent conversion results into the result registers until ADCRL is read. If ADCRL is not
read until the after next conversion is completed, then the intermediate conversion results will be lost. In
8-bit mode, there is no interlocking with ADCRH. In the case that the MODE bits are changed, any data
in ADCRL becomes invalid.
5
ACFE
Compare Function Enable — ACFE is used to enable the compare function.
0 Compare function disabled
1 Compare function enabled
4
ACFGT
Compare Function Greater Than Enable — ACFGT is used to configure the compare function to trigger when
the result of the conversion of the input being monitored is greater than or equal to the compare value. The
compare function defaults to triggering when the result of the compare of the input being monitored is less than
the compare value.
0 Compare triggers when input is less than compare level
1 Compare triggers when input is greater than or equal to compare level
7
654
3
210
R
0
0
0
0
0
0
ADR9
ADR8
W
Reset:
0
0
0
0
0
0
0
0
= Unimplemented or Reserved
Figure 9-6. Data Result High Register (ADCRH)
Table 9-4. ADCSC2 Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com